Part Number Hot Search : 
E10CA SC1150CS ANTX2N6 41771 MSM511 ANTX2N6 4118NHH P193NQ
Product Description
Full Text Search
 

To Download 47989100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Connectors (Inlets/Outlets) www.schurter.com/pg07 IEC Appliance Inlet C20, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
4798
4798
C20
70 C
Description
-PanelMount: Screw-onmountingfromfrontside -ApplianceInlet,Pintemperature70C,ProtectionclassI -Solderterminalsorquickconnectterminals
Other versions on request
-Typesforenhancedglowwiretestrequirementsacc.IEC60695-211to-13fortheuseinunattendedhouseholdequipmentacc.IEC 60335-1
Approvals
References Weblinks
GeneralProductInformation Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store, SCHURTER-Stock-Check,Distributor-Stock-Check
-VDELicenseNumber:40020659 -ULLicenseNumber:E96454 -CSALicenseNumber:56242
Technical Data
RatingsIEC RatingsUL/CSA DielectricStrength 16A/250VAC;50Hz 20A/250VAC;60Hz >2.2kVACbetweenL-N >4kVACbetweenL/N-PE (1min/50Hz) -25Cto70C fromfrontsideIP40acc.toIEC60529 Suitableforapplianceswithprotection class1acc.toIEC61140 Solderterminalsorquickconnectterminals Screw:max8mm Mountingscrewtorquemax0.5Nm Thermoplastic,black,UL94V-0 ApplianceInlet C20acc.toIEC/EN60320-1, UL498,CSAC22.2no.42(forcold conditions)pin-temperature70C,16A, ProtectionClass1
AllowableOperationTemp. DegreeofProtection ProtectionClass Terminal PanelThicknesss Material:Housing
Dimensions 4798
53mm
53.0 42.0 R6.0 3.0 32.60
+0.20 0
+0.20 0
24.50
30.0
max.R3.0
6.0x90 3.4
A
42.0
A = 31.5 mm: quick-connect terminals 6.3 x 0.8 mm A = 30 mm: quick-connect terminals 4.8 x 0.8 mm A = 28.5 mm: solder terminals Distributor-Stock-Check|SCHURTER-Stock-Check|e-Store
3.5
Connectors
4798
www.schurter.com/pg07 Variants
Panel mounting Screw Screw Screw Panel Thickness s [mm] Terminal Quick connect terminals 4.8 x 0.8 mm Quick connect terminals 6.3 x 0.8 mm Solder terminals Order Number 4798.9100 4798.9000 4798.9200
Connectors (Inlets/Outlets)
Distributor-Stock-Check|SCHURTER-Stock-Check|e-Store
Articlesforenhancedglowwiretestrequirementsacc.IEC60695-2-11to-13canbeorderedwithending ".15"(xxxx.xxxx.15).Theyaresuitablefortheuseinunattendedhouseholdequipmentacc.IEC60335-1.
Packaging unit Accessories
100Pcs
Description
Assorted Covers Rear Cover 0859.0047
Cord retaining kits Cord retaining strain relief Countersunk, K 4700.0010
Mating Outlets/Connectors
Category / Description Connector Overview complete IEC Connector C19, Rewireable, Straight IEC Connector C19, Rewireable, Angled IEC Connector C19, Rewireable, Straight IEC Connector C19, Rewireable, Angled IEC Connector C19, Rewireable, Straight Connector further types to 4798 0104 1651 1652 4790 4795
Power Cord Overview complete Power Cord with IEC Connector C19, Straight Power Cord further types to 4798 1654
Power Supply or Interconnection Cord Overview complete Divers Power Supply and Interconnection Cords 16 A Power Supply or Interconnection Cord further types to 4798 Kabelverbindung/16 A
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon Connectors currentinformation.Allcontentissubjecttomodificationsandamendments.


▲Up To Search▲   

 
Price & Availability of 47989100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X